PART |
Description |
Maker |
AT83C22OKXXX-RDRIM AT83C22OK AT83C22OKXXX-RDTIM AT |
CardMan. Smart card interface. xxx - firmware version. Smart Card Interface Compliant with ISO 7816 and EMV 2000
|
ATMEL Corporation
|
NCN6804 |
Dual Smart Card Interface with SPI Programming Interface Dual Smart Card Interface IC
|
ON Semiconductor
|
NCN6804MNR2G NCN6804 |
Dual Smart Card Interface IC with SPI Programming Interface
|
ONSEMI[ON Semiconductor]
|
DS8005 |
Smart Card Interface
|
Maxim Integrated Products
|
DS8113-RNG |
Smart Card Interface
|
Maxim Integrated Products
|
TDA8034HN |
Smart Card Interface
|
Philips Semiconductors
|
NCN6001-14 |
Compact Smart Card Interface IC
|
ON Semiconductor
|
NCN6001 NCN6001DTB NCN6001DTBR2 |
Compact Smart Card Interface IC
|
ONSEMI[ON Semiconductor]
|
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
Atmel
|
73S8024RN-20IM_F 73S8024RN-32IM_F 73S8024RN-32IMR_ |
Low Cost Smart Card Interface
|
Teridian Semiconductor Corporation
|
DS8007 DS8007-SKT |
Multiprotocol Dual Smart Card Interface
|
MAXIM - Dallas Semiconductor
|